Part Number Hot Search : 
2MBI75S LT1108 NJM2720 85XX12 FSEZ13X7 NJM2720 35080 000F9W
Product Description
Full Text Search
 

To Download AP1121XSG-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
Features
* * * * * * * 1.3V maximum dropout at full load current Fast transient response Output current limiting for each channel Built-in thermal shutdown for each channel Good noise rejection Dual output ch1 = 3.3V, ch2 = 2.5V (ch2 = 1.8V for version B) SOP-8L: Available in "Green" Molding Compound (No Br, Sb) Lead Free Finish/ RoHS Compliant (Note 1)
General Description
AP1121 is a low dropout positive regulator which provides 1A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V/2.5V or 3.3V/1.8V logic supply. AP1121 is guaranteed to have <1.3V dropout at full load current making it ideal to provide well regulated outputs dual channels with up to 18V input supply.
Applications
* * PC peripheral Communication
Ordering Information
AP 1121 X S X - 13
Vout
A : CH1=3.3V CH2=2.5V B : CH1=3.3V CH2=1.8V
Package
S : SOP-8L
Lead Free
L : Lead Free G : Green
Packing 13 : Tape & Reel
Device
Lead-free
AP1121XSL-13 AP1121XSG-13
Notes:
Package Code S S
Packaging (Note 2) SOP-8L SOP-8L
13" Tape and Reel Quantity Part Number Suffix 2500/Tape & Reel -13 2500/Tape & Reel -13
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html. 2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be on found our website at http://www.diodes.com/datasheets/ap02001.pdf.
AP1121 Rev. 5
1 of 7 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
Pin Assignments
( Top View ) VOUT1 1 VIN1 2 VIN2 3 VOUT2 4 SOP-8L AP1121
8 7 6 5 GND GND GND GND
Pin Descriptions
Pin Name GND 3.3V(VOUT1) 2.5V/1.8V (VOUT2) VIN Ground Descriptions
The output of the regulator. A minimum of 10uF capacitor (0.15 ESR 20) must be connected from this pin to ground to insure stability.
The input pin of regulator. Typically a large storage capacitor (0.15 ESR 20) is connected from this pin to ground.
AP1121 Rev. 5
2 of 7 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
Block Diagram
2 VIN1 + + 1.25V CURRENT LIMIT + +
1 VOUT1
3 VIN2 + + 1.25V CURRENT LIMIT + Thermal Shutdown +
Typical Application Circuit
3.3V/1A C1 100uF 5V C2 100uF 2.5V/1A C3 100uF
V OUT1 GND VIN1 GND VIN2 GND
V OUT2 GND
(3.3V/2.5V Dual output )
AP1121 Rev. 5
3 of 7 www.diodes.com
-
Thermal Shutdown
-
-
5/6
GND
4 VOUT2
7/8
GND
FEBRUARY 2009
(c) Diodes Incorporated
AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
Absolute Maximum Ratings
Symbol VIN TST TOP TM Parameter DC Supply Voltage Storage Temperature Operating Junction Temperature Range Maximum Junction Temperature Rating -0.3 to 18 V -65 to +150 0 to +125 150 Unit V
o o
C
C oC
Electrical Characteristics
Parameter
(Under Operating Conditions)
Output Voltage
Line Regulation Load Regulation Dropout Voltage (VIN-VOUT) Current Limit Minimum Load Current Thermal Regulation Ripple Rejection Temperature Stability
Conditions IOUT = 10mA, TA = 25oC, AP1121_ - VOUT1 4.8VVIN12V IOUT = 10mA, TA = 25oC, AP1121A - VOUT2 4VVIN12V IOUT = 10mA, TA = 25oC, AP1121B - VOUT2 4VVIN12V IO = 10mA, VOUT +1.5VMin 3.235 2.450 1.764
Typ. 3.300 2.500 1.800
Max 3.365 2.550 1.836 0.2
Unit V V V % mV mV V A mA %/W dB %
O
26 20 1.3 1. 1 5 0.008 60 0.5 177 158
33 25 1.4 10 0.04 70
(VIN-VOUT) = 5V 0oCTj125oC (Note 5) TA = 25 oC, 30ms pulse F = 120Hz, COUT = 25uF Tantalum, IOUT = 1A IO = 10mA JA Thermal Resistance SOP-8L: Control Circuitry/Power Transistor (Note 6) Junction-to-Ambient (No CH1 or CH2 only heat sink; No air flow) CH1 & CH2 and PD1 = PD2 SOP-8L: Control Circuitry/Power Transistor JC Thermal Resistance (Note 6) CH1 or CH2 only Junction-to-Case CH1 & CH2 and PD1 = PD2
Notes:
C/W
29 19
O
C/W
3. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18" from the package. 4. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the input/output differentially and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range. 5. Quiescent current is defined as the minimum output current that requires maintaining regulation. At 12V input/output differential the device is guaranteed to regulate if the output current is greater than 10mA. 6. Vout1 and Vout2 are connected to the PCB copper area 5.5mm*5.5mm separately. If you need large PD or lower Tc & Tj, please connect to the large copper area >> 5.5mm*5.5mm (like 10mm*10mm).
AP1121 Rev. 5
4 of 7 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
Typical Performance Characteristics
2. 0 1. 8 0.20
Output Voltage Deviation (%)
1. 6
0 I load=800mA
Dropout Voltage (V)
1. 4 1. 2 1. 0 0. 8 0. 6 0. 4 0. 2 0 0 250 500 750 1000 Tj = 125 oC Tj = 25 oC
-0.20
-0.40
-0.80
-1
-25
0
Dropout Voltage vs Output Current
2 1.5 1
Output Current (mA)
Temperature (oC)
25
50
75
100
125
Load Regulation vs Temperature
Output Voltage Deviation (%)
-25 0 25 50 75 100 125 150
0.8
Output Voltage Change (%)
1 0. 5 0 -0.5 -1 -1.5 -2 -50
0.6
0.4
0.2
0
Percent Change in Output Voltage vs Temperature
Output Voltage Deviation (mV) Input Voltage (V) Load Current (A) Output Voltage Deviation (mV) 7.5 6.5 5.5 40 20 0 -20 -40 Cin=1uF Cout=10uF Tantalum 30 20 10 0 -10 -20 2 1 0 -1 0 10 20
Temperature (oC)
2
4
6
8
10
12
Line Regulation
C in = 1uF C out = 10 uF Tantalum Preload = 100mA
Input Voltage (V)
0
20
40
60
80
100 120 140 160 180 200
TIME (us)
30
40
50
60
70
80
90
100
TIME (us)
Line Transient Response
Load Transient Response
AP1121 Rev. 5
5 of 7 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
Marking Information
(1) SOP-8L
( Top View )
8 5
Logo Part Number
AP1121 X YY WW X X
1 4
A : 3.3V/2.5V version B : 3.3V/1.8V version YY : Year : 08, 09,10~ WW : Week : 01~52; 52 represents 52 and 53 week X : Internal Code L : Lead Free G : Green
Package Information
(1) Package type: SOP-8L
3.85/3.95
5.90/6.10
0.10/0.20
0.254 0.62/0.82
Gauge Plane Seating Plane
Detail "A"
7~9 1.30/1.50 1.75max. 0.15/0.25
0.35max. 45
7~9
Detail "A"
0/8
1.27typ 4.85/4.95
0.3/0.5
8x-0.60 5.4 6x-1.27 8x-1.55
Land Pattern Recommendation (Unit: mm)
AP1121 Rev. 5
6 of 7 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated
AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
AP1121 Rev. 5
7 of 7 www.diodes.com
FEBRUARY 2009
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of AP1121XSG-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X